Part Number Hot Search : 
FN2319 BA6287F1 P4SMA36A CBC3225T BFX48 HCT05 KAV99 X25057
Product Description
Full Text Search
 

To Download TC74HC367AP07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC74HC367,368AP/AF/AFN
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC367AP,TC74HC367AF,TC74HC367AFN TC74HC368AP,TC74HC368AF,TC74HC368AFN
Hex Bus Buffer TC74HC367AP/AF/AFN TC74HC368AP/AF/AFN Non-Inverted (3-state) Inverted (3-state)
Note: xxxFN (JEDEC SOP) is not available in Japan. TC74HC367AP, TC74HC368AP
The TC74HC367A and TC74HC368A are high speed CMOS 3-STATE BUS BUFFERs fabricated with silicon gate C2MOS technology. They achieve the high speed operation similar to equivalent LSTTL while maintaining the CMOS low power dissipation. They contain six buffers; four buffers are controlled by an enable input ( G1 ), and the other two buffers are controlled by another enable input ( G2 ). The outputs of each buffer group are enabled when G1 and/or G2 inputs are held low; if held high, these outputs are in a high impedance state. The TC74HC367A is a non-inverting output type, while the TC74HC368A is an inverting output type. All inputs are equipped with protection circuits against static discharge or transient excess voltage.
TC74HC367AF, TC74HC368AF
Features
* * * * * * * * High speed: tpd = 11 ns (typ.) at VCC = 5 V Low power dissipation: ICC = 4 A (max) at Ta = 25C High noise immunity: VNIH = VNIL = 28% VCC (min) Output drive capability: 15 LSTTL loads Symmetrical output impedance: |IOH| = IOL = 6 mA Balanced propagation delays: tpLH - tpHL Wide operating voltage range: VCC (opr) = 2 to 6 V Pin and function compatible with 74LS367/368
TC74HC367AFN, TC74HC368AFN
Weight DIP16-P-300-2.54A SOP16-P-300-1.27A SOL16-P-150-1.27
: 1.00 g (typ.) : 0.18 g (typ.) : 0.13 g (typ.)
1
2007-10-01
TC74HC367,368AP/AF/AFN
Pin Assignment
TC74HC367A TC74HC368A
IEC Logic Symbol
TC74HC367A TC74HC368A
Truth Table
Inputs Outputs
G
L L H
An
L H X
Y (367A)
L H Z
Y (368A) H L Z
X: Don't care Z: High impedance
2
2007-10-01
TC74HC367,368AP/AF/AFN
Absolute Maximum Ratings (Note 1)
Characteristics Supply voltage range DC input voltage DC output voltage Input diode current Output diode current DC output current DC VCC/ground current Power dissipation Storage temperature Symbol VCC VIN VOUT IIK IOK IOUT ICC PD Tstg Rating
-0.5 to 7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 35 75
Unit V V V mA mA mA mA mW C
500 (DIP) (Note 2)/180 (SOP)
-65 to 150
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = -40 to 65C. From Ta = 65 to 85C a derating factor of -10 mW/C shall be applied until 300 mW.
Operating Ranges (Note)
Characteristics Supply voltage Input voltage Output voltage Operating temperature Symbol VCC VIN VOUT Topr Rating 2 to 6 0 to VCC 0 to VCC
-40 to 85
Unit V V V C
0 to 1000 (VCC = 2.0 V) Input rise and fall time tr, tf 0 to 500 (VCC = 4.5 V) 0 to 400 (VCC = 6.0 V) ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
3
2007-10-01
TC74HC367,368AP/AF/AFN
Electrical Characteristics
DC Characteristics
Test Condition Characteristics Symbol VCC (V) 2.0 High-level input voltage VIH
Ta = 25C Min 1.50 3.15 4.20

Ta = -40 to 85C Max

Unit
Typ.

Min 1.50 3.15 4.20

Max

4.5 6.0 2.0
V
0.50 1.35 1.80

0.50 1.35 1.80

Low-level input voltage
VIL
4.5 6.0 2.0
V
1.9 4.4 5.9 4.18 5.68

2.0 4.5 6.0 4.31 5.80 0.0 0.0 0.0 0.17 0.18

1.9 4.4 5.9 4.13 5.63

High-level output voltage
VOH
VIN = VIH or VIL
IOH = -20 A IOH = -6 mA IOH = -7.8 mA IOL = 20 A IOL = 6 mA IOL = 7.8 mA
4.5 6.0 4.5 6.0 2.0
V
0.1 0.1 0.1 0.26 0.26
0.5 0.1
0.1 0.1 0.1 0.33 0.33
5.0 1.0 A A A
Low-level output voltage
VOL
VIN = VIH or VI L
4.5 6.0 4.5 6.0 6.0 6.0 6.0
V
3-state output off-state current Input leakage current Quiescent supply current
IOZ IIN ICC
VIN = VIH or VIL VOUT = VCC or GND VIN = VCC or GND VIN = VCC or GND
4.0
40.0
4
2007-10-01
TC74HC367,368AP/AF/AFN
AC Characteristics (input: tr = tf = 6 ns)
Test Condition Characteristics Symbol CL (pF)
Ta = 25C VCC (V) 2.0 50 4.5 6.0 2.0 50 4.5 6.0 2.0 Min

Ta = -40 to 85C Max 60 12 10 95 19 16 130 26 22 120 24 20 160 32 27 120 24 20 10

Unit
Typ. 25 7 6 36 12 10 40 16 14 36 12 10 40 16 14 35 15 13 5 10 36 30
Min

Max 75 15 13 120 24 20 165 33 28 150 30 26 200 40 34 150 30 26 10

Output transition time
tTLH tTHL
ns
Propagation delay time
tpLH tpHL
ns
150
4.5 6.0 2.0
50 Output enable time tpZL tpZH RL = 1 k 150
4.5 6.0 2.0 4.5 6.0
ns
Output disable time
tpLZ tpHZ CIN COUT CPD
2.0 RL = 1 k

50
4.5 6.0
ns
Input capacitance Output capacitance Power dissipation capacitance
pF pF pF
TC74HC367A
(Note) TC74HC368A
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPDVCCfIN + ICC/6 (per bit)
5
2007-10-01
TC74HC367,368AP/AF/AFN
Package Dimensions
Weight: 1.00 g (typ.)
6
2007-10-01
TC74HC367,368AP/AF/AFN
Package Dimensions
Weight: 0.18 g (typ.)
7
2007-10-01
TC74HC367,368AP/AF/AFN
Package Dimensions (Note)
Note: This package is not available in Japan. Weight: 0.13 g (typ.)
8
2007-10-01
TC74HC367,368AP/AF/AFN
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
20070701-EN GENERAL
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his document shall be made at the customer's own risk. * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patents or other rights of TOSHIBA or the third parties. * Please contact your sales representative for product-by-product details in this document regarding RoHS compatibility. Please use these products in this document in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses occurring as a result of noncompliance with applicable laws and regulations.
9
2007-10-01


▲Up To Search▲   

 
Price & Availability of TC74HC367AP07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X